Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P82C150AHT Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce P82C150AHT
Description  CAN Serial Linked I/O device SLIO with digital and analog port functions
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82C150AHT Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button P82C150AHT Datasheet HTML 3Page - NXP Semiconductors P82C150AHT Datasheet HTML 4Page - NXP Semiconductors P82C150AHT Datasheet HTML 5Page - NXP Semiconductors P82C150AHT Datasheet HTML 6Page - NXP Semiconductors P82C150AHT Datasheet HTML 7Page - NXP Semiconductors P82C150AHT Datasheet HTML 8Page - NXP Semiconductors P82C150AHT Datasheet HTML 9Page - NXP Semiconductors P82C150AHT Datasheet HTML 10Page - NXP Semiconductors P82C150AHT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1996 Jun 19
7
Philips Semiconductors
Preliminary specification
CAN Serial Linked I/O device (SLIO) with
digital and analog port functions
P82C150
6.2
Pin description
Table 1
Pin description for P82C150; SO28; see note 1
Note
1. In this documentation the port pins are referred to by their symbols, not by their pin number. For example P15 means
I/O Port 15 at pin 16.
SYMBOL PIN
DESCRIPTION
P2
1
I/O Ports P2 to P3; Identifier programming input.
P3
2
P4
3
I/O Port 4; DPM2 output.
VSS
4
Ground, digital part (0 V; logic circuits and CAN-bus driver).
P5
5
I/O Ports P5 to P6; analog input.
P6
6
P7
7
I/O Port 7; analog input or analog-to-digital comparator 1 output.
VDD
8
Power supply, digital part (+5 V; logic circuits and CAN-bus driver).
P8
9
I/O Port 8; analog input or comparator 3 output.
P9
10
I/O Port 9; analog input or comparator 2 output.
P10
11
I/O Port 10; comparator 3 inverting input or DPM1 output.
P11
12
I/O Port 11; comparator 3 non-inverting input.
P12
13
I/O Port 12; comparator 2 inverting input.
P13
14
I/O Port 13; comparator 2 non-inverting input.
P14
15
I/O Port 14; multiplexed analog signal.
P15
16
I/O Port 15; analog-to-digital comparator input.
P16
17
Feedback output of analog-to-digital converter.
AVDD
18
Power supply, analog part (+5 V; CAN input, oscillator and reference).
REF
19
Reference voltage output (1
⁄2 × AVDD).
AVSS
20
Ground, analog part (0 V; CAN input, oscillator, reference).
RX0
21
CAN-bus input.
RX1
22
RST
23
External reset input (active-HIGH) for internal oscillator mode; pulled to +5 V for external
oscillator mode (see Section 11.3).
XMOD
24
Connected to GND for internal oscillator mode; external reset input (active-LOW) for
external oscillator mode (see Section 11.3).
TX0
25
Open-drain CAN-bus output: dominant = LOW; recessive = floating.
TX1
26
Open-drain CAN-bus output: dominant = HIGH; recessive or at bus mode 2 floating.
P0/CLK
27
I/O Port P0, Identifier programming input in internal oscillator mode; clock input in external
oscillator mode (see Section 11.3).
P1
28
I/O Port P1; identifier programming input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36