| Moteur de recherche de fiches techniques de composants électroniques |
|
M700000002 Fiches technique(PDF) 78 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M700000002 Fiches technique(HTML) 78 Page - SPANSION |
|
78 / 128 page ![]() 76 Am70PDL127BDH/Am70PDL129BDH November 25, 2003 AD VAN C E INFORM ATION pSRAM AC CHARACTERISTICS Notes: 1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied. 2. If OE# is high during the write cycle, the outputs will remain at high impedance. Figure 27. Pseudo SRAM Write Cycle— UB#s and LB#s Control tWC Valid Data In Addresses A20 to A0 WE# CE#1s CE2s UB#, LB# DIN DQ15 to DQ0 DOUT DQ15 to DQ0 tDS tWR tWP tCW High-Z High-Z tCH tDH tAS tBW tBE tCOE tODW |