Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M700000002 Fiches technique(PDF) 77 Page - SPANSION

No de pièce M700000002
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

M700000002 Fiches technique(HTML) 77 Page - SPANSION

Back Button M700000002 Datasheet HTML 73Page - SPANSION M700000002 Datasheet HTML 74Page - SPANSION M700000002 Datasheet HTML 75Page - SPANSION M700000002 Datasheet HTML 76Page - SPANSION M700000002 Datasheet HTML 77Page - SPANSION M700000002 Datasheet HTML 78Page - SPANSION M700000002 Datasheet HTML 79Page - SPANSION M700000002 Datasheet HTML 80Page - SPANSION M700000002 Datasheet HTML 81Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
November 25, 2003
Am70PDL127BDH/Am70PDL129BDH
75
AD VAN C E
INFORM ATION
pSRAM AC CHARACTERISTICS
Notes:
1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied.
2. If OE# is high during the write cycle, the outputs will remain at high impedance.
Figure 26.
Pseudo SRAM Write Cycle—CE#1ps Control
tWC
Valid Data In
tAS
tCH
Addresses
A20 to A0
CE#1ps
CE2ps
WE#
LB#, UB#
DIN
DQ15 to DQ0
DOUT
DQ15 to DQ0
tCW
tDS
tDH
tWP
tWR
tCEH
tBW
tBE
tODW
tCOE
High-Z
High-Z
(Note 1)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More