| Moteur de recherche de fiches techniques de composants électroniques |
|
M700000001 Fiches technique(PDF) 77 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M700000001 Fiches technique(HTML) 77 Page - SPANSION |
|
77 / 128 page ![]() November 25, 2003 Am70PDL127BDH/Am70PDL129BDH 75 AD VAN C E INFORM ATION pSRAM AC CHARACTERISTICS Notes: 1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied. 2. If OE# is high during the write cycle, the outputs will remain at high impedance. Figure 26. Pseudo SRAM Write Cycle—CE#1ps Control tWC Valid Data In tAS tCH Addresses A20 to A0 CE#1ps CE2ps WE# LB#, UB# DIN DQ15 to DQ0 DOUT DQ15 to DQ0 tCW tDS tDH tWP tWR tCEH tBW tBE tODW tCOE High-Z High-Z (Note 1) (Note 1) |