| Moteur de recherche de fiches techniques de composants électroniques |
|
M700000001 Fiches technique(PDF) 75 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M700000001 Fiches technique(HTML) 75 Page - SPANSION |
|
75 / 128 page ![]() November 25, 2003 Am70PDL127BDH/Am70PDL129BDH 73 AD VAN C E INFORM ATION pSRAM AC CHARACTERISTICS Figure 24. Page Read Timing Notes: 1. tOD, tODo, tBD, and tODW are defined as the time at which the outputs achieve the open circuit condition and are not referenced to output voltage levels. 2. If CE#f1, LB#, or UB# goes low at the same time or before WE# goes high, the outputs will remain at high impedance. 3. If CE#f1, LB#, or UB# goes low at the same time or after WE# goes low, the outputs will remain at high impedance. Addresses A2 to A0 Addresses A20 to A3 CE#1s CE2s OE# WE# LB#, UB# DOUT DQ15 to DQ0 tPM tRC tPC tPC tBA tOE tBE tCOE tAA tOD tCO tBD tACC tOEE tPC DOUT DOUT DOUT DOUT tAA tAA tODO tOH tAOH tAOH tAOH Fixed High Maximum 8 words |