| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7DCEC Fiches technique(PDF) 121 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Fiches technique(HTML) 121 Page - NXP Semiconductors |
|
121 / 161 page ![]() Boot mode configuration i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 121 SPI ECSPI-2 ECSPI2_SCLK, ECSPI2_MOSI, ECSPI2_MISO, ECSPI2_SS0, ENET1_RX_CTL, ENET1_RXC, ENET1_TD0 The chip-select pin used depends on the fuse "CS select (SPI only)" SPI ECSPI-3 SAI2_TXFS, SAI2_TXC, SAI2_RXD, SAI2_TXD, SD1_DATA3, SD2_CD_B, SD2_WP The chip-select pin used depends on the fuse "CS select (SPI only)" SPI ECSPI-4 SD1_CD_B, SD1_WP, SD1_RESET_B, SD1_CLK, SD1_CMD, SD1_DATA0, SD1_DATA1 The chip-select pin used depends on the fuse "CS select (SPI only)" EIM EIM EPDC_SDCE2, EPDC_SDCE3, EPDC_GDCLK, EPDC_GDOE, EPDC_GDRL, EPDC_GDSP, EPDC_BDR0, LCD_DAT20, LCD_DAT21, LCD_DAT22, LCD_DAT23, EPDC_D8, EPDC_D9, EPDC_D10, EPDC_D12, EPDC_D14, EPDC_PWRSTAT Used for NOR, OneNAND boot Only CS0 is supported. Allocated pads may differ depending on mux mode. See the “System Boot, Fusemap, and eFuse” chapter of the i.MX 7Dual Application Processor Reference Manual (IMX7DRM) for details. NAND Flash GPMI SD3_CLK, SD3_CMD, SD3_DATA0, SD3_DATA1, SD3_DATA2, SD3_DATA3, SD3_DATA4, SD3_DATA5, SD3_DATA6, SD3_DATA7, SD3_STROBE, SD3_RESET_B, SAI1_TXC, SAI1_TXFS, SAI1_TXD 8 bit Only CS0 is supported SD/MMC USDHC-1 SD1_CD_B, SD1_RESET_B, SD1_CLK, SD1_CMD, SD1_DATA0, SD1_DATA1, SD1_DATA2, SD1_DATA3, GPIO1_IO08, ECSPI2_SCLK, ECSPI2_MOSI, ECSPI2_MISO, ECSPI2_SS0 1, 4, or 8 bit SD/MMC USDHC-2 SD2_RESET_B, SD2_CLK, SD2_CMD, SD2_DATA0, SD2_DATA1, SD2_DATA2, SD2_DATA3, GPIO1_IO12, ECSPI1_SCLK, ECSPI1_MOSI, ECSPI1_MISO, ECSPI1_SS0 1, 4, or 8 bit SD/MMC USDHC-3 SD3_CLK, SD3_CMD, SD3_DAT0, SD3_DAT1, SD3_DAT2, SD3_DAT3, SD3_DAT4, SD3_DAT5, SD3_DAT6, SD3_DAT7, SD3_RESET_B 1, 4, or 8 bit USB USB-OTG PHY — Table 97. Interface allocation during boot(continued) Interface IP Instance Allocated Pads During Boot Comment |