| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7DCEC Fiches technique(PDF) 80 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Fiches technique(HTML) 80 Page - NXP Semiconductors |
|
80 / 161 page ![]() Electrical characteristics i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 80 Figure 43. Toggle mode data read timing Table 58. Toggle mode timing parameters1 ID Parameter Symbol Timing T = GPMI Clock Cycle Unit Min. Max. NF1 NAND_CLE setup time tCLS (AS + DS) T - 0.12 [see note2s,3] NF2 NAND_CLE hold time tCLH DH T - 0.72 [see note2] NF3 NAND_CE0_B setup time tCS (AS + DS) T - 0.58 [see notes,2] NF4 NAND_CE0_B hold time tCH DH T - 1 [see note2] NF5 NAND_WE_B pulse width tWP DS T [see note2] NF6 NAND_ALE setup time tALS (AS + DS) T - 0.49 [see notes,2] NF7 NAND_ALE hold time tALH DH T - 0.42 [see note2] NF8 Command/address NAND_DATAxx setup time tCAS DS T - 0.26 [see note2] NF9 Command/address NAND_DATAxx hold time tCAH DH T - 1.37 [see note2] NF18 NAND_CEx_B access time tCE CE_DELAY T [see notes4,2] — ns NF22 clock period tCK — — ns NF23 preamble delay tPRE PRE_DELAY T [see notes5,2] — ns NF24 postamble delay tPOST POST_DELAY T +0.43 [see note2] — ns |