| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7DCEC Fiches technique(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7DCEC Fiches technique(HTML) 79 Page - NXP Semiconductors |
|
79 / 161 page ![]() Electrical characteristics i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 79 4.9.3 ONFI NV-DDR2 mode (ONFI 3.2 compatible) 4.9.3.1 Command and address timing ONFI 3.2 mode command and address timing is the same as ONFI 1.0 compatible Async mode AC timing. See Section 4.9.1, “Asynchronous mode AC timing (ONFI 1.0 compatible),” for details. 4.9.3.2 Read and write timing ONFI 3.2 mode read and write timing is the same as Toggle mode AC timing. See Section 4.9.4, “Toggle mode AC Timing,” for details. 4.9.4 Toggle mode AC Timing 4.9.4.1 Command and address timing NOTE Toggle mode command and address timing is the same as ONFI 1.0 compatible Asynchronous mode AC timing. See Section 4.9.1, “Asynchronous mode AC timing (ONFI 1.0 compatible),” for details. 4.9.4.2 Read and write timing Figure 42. Toggle mode data write timing |