Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160GT28DPBF Fiches technique(PDF) 75 Page - Advanced Micro Devices

No de pièce AM29BDD160GT28DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBF Fiches technique(HTML) 75 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBF Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 77Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 78Page - Advanced Micro Devices AM29BDD160GT28DPBF Datasheet HTML 79Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
June 7, 2006
Am29BDD160G
73
PHYSICAL DIMENSIONS
PQR080–80-Lead Plastic Quad Flat Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79