| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BDD160GT28DPBF Fiches technique(PDF) 48 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29BDD160GT28DPBF Fiches technique(HTML) 48 Page - Advanced Micro Devices |
|
48 / 79 page ![]() 46 Am29BDD160G June 7, 2006 DYB = Dynamic Protection Bit OW = Address (A5–A0) is (011X10). PPB = Persistent Protection Bit PWA = Password Address. A0 selects between the low and high 32-bit portions of the 64-bit Password PWD = Password Data. Must be written over two cycles. PL = Password Protection Mode Lock Address (A5–A0) is (001X10) RD(0) = Read Data DQ0 protection indicator bit. If protected, DQ0= 1, if unprotected, DQ0 = 0. RD(1) = Read Data DQ1 protection indicator bit. If protected, DQ1 = 1, if unprotected, DQ1 = 0. SA = Sector Address where security command applies. Address bits A18:A11 uniquely select any sector. SL = Persistent Protection Mode Lock Address (A5–A0) is (010X10) WP = PPB Address (A5–A0) is (111X10) X = Don’t care PPMLB = Password Protection Mode Locking Bit SPMLB = Persistent Protection Mode Locking Bit 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Shaded cells in table denote read cycles. All other cycles are write operations. 4. During unlock cycles, (lower address bits are 555 or 2AAh as shown in table) address bits higher than A11 (except where BA is required) and data bits higher than DQ7 are don’t cares. 5. The reset command returns the device to reading the array. 6. The fourth cycle programs the addressed locking bit. The fifth and sixth cycles are used to validate whether the bit has been fully programmed. If DQ0 (in the sixth cycle) reads 0, the program command must be issued and verified again. 7. Data is latched on the rising edge of WE#. 8. The entire four bus-cycle sequence must be entered for each portion of the password. 9. The fourth cycle erases all PPBs. The fifth and sixth cycles are used to validate whether the bits have been fully erased. If DQ0 (in the sixth cycle) reads 1, the erase command must be issued and verified again. 10. Before issuing the erase command, all PPBs should be programmed in order to prevent over-erasure of PPBs. 11. In the fourth cycle, 00h indicates PPB set; 01h indicates PPB not set. 12. The status of additional PPBs and DYBs may be read (following the fourth cycle) without reissuing the entire command sequence. Table 20.Sector Protection Command Definitions (x32 Mode) Command (Notes) Bus Cycles (Notes 1-4) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Reset 1 XXX F0 SecSi Sector Entry 3 555 AA 2AA 55 555 88 SecSi Sector Exit 4 555 AA 2AA 55 555 90XX 00 SecSi Protection Bit Program (5, 6) 6 555 AA 2AA 55 555 60 OW 68 OW 48 OW RD(0) SecSi Protection Bit Status 6 555 AA 2AA 55 555 60 OW RD(0) Password Program (5, 7, 8) 4 555 AA 2AA 55 555 38 PWA[0-1] PWD[0-1] Password Verify 4 555 AA 2AA 55 555 C8 PWA[0-1] PWD[0-1] Password Unlock (7, 8) 5 555 AA 2AA 55 555 28 PWA[0-1] PWD[0-1] PPB Program (5, 6) 6 555 AA 2AA 55 555 60 (SA)WP 68 (SA)WP 48 (SA)WP RD(0) All PPB Erase (5, 9, 10) 6 555 AA 2AA 55 555 60 WP 60 (SA)WP 40 (SA)WP RD(0) PPB Status (11, 12) 4 555 AA 2AA 55 555 90(SA)X02 00/01 PPB Lock Bit Set 3 555 AA 2AA 55 555 78 PPB Lock Bit Status 4 555 AA 2AA 55 (BA) 555 58 SA RD(1) DYB Write (7) 4 555 AA 2AA 55 555 48SAX1 DYB Erase (7) 4 555 AA 2AA 55 555 48SAX0 DYB Status (12) 4 555 AA 2AA 55 (BA) 555 58 SA RD(0) PPMLB Program (5,6) 6 555 AA 2AA 55 555 60 PL 68 PL 48 PL RD(0) PPMLB Status (5) 6 555 AA 2AA 55 555 60 PL RD(0) SPMLB Program (5, 6) 6 555 AA 2AA 55 555 60 SL68SL48 SL RD(0) SPMLB Status (5) 6 555 AA 2AA 55 555 60 SL RD(0) |