Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L640GU53RI Fiches technique(PDF) 9 Page - Advanced Micro Devices

No de pièce L640GU53RI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L640GU53RI Fiches technique(HTML) 9 Page - Advanced Micro Devices

Back Button L640GU53RI Datasheet HTML 5Page - Advanced Micro Devices L640GU53RI Datasheet HTML 6Page - Advanced Micro Devices L640GU53RI Datasheet HTML 7Page - Advanced Micro Devices L640GU53RI Datasheet HTML 8Page - Advanced Micro Devices L640GU53RI Datasheet HTML 9Page - Advanced Micro Devices L640GU53RI Datasheet HTML 10Page - Advanced Micro Devices L640GU53RI Datasheet HTML 11Page - Advanced Micro Devices L640GU53RI Datasheet HTML 12Page - Advanced Micro Devices L640GU53RI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
June 14, 2005
Am29LV641G
10
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAMS
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
RFU
RFU
RFU
VSS
VIO
RFU
RFU
VSS
DQ15
BYTE#
A16
A15
A14
A12
DQ6
DQ13
DQ14
DQ7
A11
A10
A8
DQ4
VCC
DQ12
DQ5
A19
A21
RESET#
DQ3
DQ11
DQ10
DQ2
A20
A18
WP#/ACC
DQ1
DQ9
DQ8
DQ0
A5
A6
A17
A3
A4
A5
A6
A7
A8
RFU
A13
A9
WE#
RY/BY#
A7
B2
C2
D2
E2
F2
G2
H2
VSS
OE#
CE#
A0
A1
A2
A4
A2
A3
B1
C1
D1
E1
F1
G1
H1
RFU
RFU
VIO
RFU
RFU
RFU
RFU
A1
RFU
64-Ball Fortified BGA
Top View, Balls Facing Down
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP and BGA) The package
and/or data integrity may be compromised if the package
body is exposed to temperatures above 150
°C for pro-
longed periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55