Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L640GU53RI Fiches technique(PDF) 53 Page - Advanced Micro Devices

No de pièce L640GU53RI
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

L640GU53RI Fiches technique(HTML) 53 Page - Advanced Micro Devices

Back Button L640GU53RI Datasheet HTML 47Page - Advanced Micro Devices L640GU53RI Datasheet HTML 48Page - Advanced Micro Devices L640GU53RI Datasheet HTML 49Page - Advanced Micro Devices L640GU53RI Datasheet HTML 50Page - Advanced Micro Devices L640GU53RI Datasheet HTML 51Page - Advanced Micro Devices L640GU53RI Datasheet HTML 52Page - Advanced Micro Devices L640GU53RI Datasheet HTML 53Page - Advanced Micro Devices L640GU53RI Datasheet HTML 54Page - Advanced Micro Devices L640GU53RI Datasheet HTML 55Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
54
Am29LV641G
June 14, 2005
ADV ANCE
I N FO RMAT I O N
PHYSICAL DIMENSIONS
LAA064–64-Ball Fortified Ball Grid Array (Fortified BGA) 13 x 11 mm package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55