Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL160C Fiches technique(PDF) 41 Page - Advanced Micro Devices

No de pièce AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Fiches technique(HTML) 41 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 36Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 37Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 38Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 39Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 40Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 41Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 42Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 43Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
39
D A TA
SH EE T
PHYSICAL DIMENSIONS
TS 048—48-Pin Standard Thin Small Outline Package
Dwg rev AA; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44