Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL160C Fiches technique(PDF) 32 Page - Advanced Micro Devices

No de pièce AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Fiches technique(HTML) 32 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 28Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 29Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 30Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 31Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 32Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 33Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 34Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 35Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
30
Am29PL160C
22143C7 May 9, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Figure 11.
Conventional Read Operations Timings
Note: Word Configuration: Toggle A0, A1, A2. Byte Configuration: Toggle A-1, A0, A1, A2.
Figure 12.
Page Read Timings
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tOE
0 V
tDF
tOH
A3-A19
CE#
OE#
A-1-A2
Data Bus
Same Page
Aa
Ab
Ac
Ad
Qa
Qb
Qc
Qd
tACC
tPACC
tPACC
tPACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44