Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10YV103C101A Fiches technique(PDF) 1 Page - RFE international

No de pièce AD10YV103C101A
Description  MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

AD10YV103C101A Fiches technique(HTML) 1 Page - RFE international

  AD10YV103C101A Datasheet HTML 1Page - RFE international AD10YV103C101A Datasheet HTML 2Page - RFE international AD10YV103C101A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Axial Leaded Multilayer Ceramic Capacitors are
made with a superior epoxy coating for moisture
and mechanical protection. The small size is
suitable for a wide range of applications, including:
data processing, telecommunications,
instrumentation and industrial controls.
INTRODUCTION
FEATURES
• Minature Size
• Auto Insertable
• Epoxy Coating
CAPACITANCE CODE
SIZE CODE & CAPACITANCE RANGE
Page 1 of 3
MULTILAYER CERAMIC CAPACITOR
AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
RoHS
Reliable
•
Code
Capacitance
221
0.00022 F
102
222
0.01
103
F
473
0.047 F
104
0.1 F
105
1.0 F
106
10 F
0.001 F
0.0022 µF
PART NUMBER EXAMPLE
AD10 XR 104 K 500 A
Temperature
Packing Code
Voltage Code
Tolerance Code
Coefficient
2022.05.31
C1BD04
L
D
L (max)
D (max)
Size Code
Dimensions (mm)
4.0
2.6
3.1
5.1
AD10
AD15
Voltage
Vdc
Voltage
Code
6.3V
10V
16V
25V
50V
100V
250V
6.3V
10V
16V
25V
50V
100V
250V
500V
050
100
160
250
500
101
251
060
100
160
250
500
101
251
501
X7R
X5R
Y5V
Z5U
0.22~2.20
0.10~1.50
0.00022~0.33
0.001~0.033
1.50~10.00
10.00~22.00
6.80~10.00
( F)
( F)
( F)
( F)
0.00022~0.10
0.30~4.70
0.68~2.20
0.47~1.00
0.033~0.47
0.015~0.15
0.001~0.033
0.33~4.70
1.00
0.22
10.00
3.30
4.70~22.00
2.20~10.00
1.00~4.70
0.47~2.20
0.10~1.00
0.22~1.00
47.00
22.00
10.00
4.70
2.20
TOLERANCE CODE
Symbol
Cap. Tolerance
C
±0.25pF
D
±0.5pF
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%
Z
+80%, -20%
TEMPERATURE COEFFICIENT
Code
Temp.
Charact.
Temperature
Range
Capacitance
Change
CG
C0G/NPO
-55 ~ 125°C
0±30ppm/°C
X5R
X5R
-55 ~ 85°C
±15°C
XR
X7R
-55 ~ 125°C
±15°C
YV
Y5V
-30 ~ 85°C
±22°C, -82%
ZU
Z5U
+10 ~ 85°C
±22°C, -56%
* See other AD Series for X5R, X7R, Y5V, Z5U


Numéro de pièce similaire - AD10YV103C101A

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
AD10YV101J101AR MERITEK-AD10YV101J101AR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
AD10YV101J101BR MERITEK-AD10YV101J101BR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
AD10YV101J201AR MERITEK-AD10YV101J201AR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
AD10YV101J201BR MERITEK-AD10YV101J201BR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
AD10YV101J500AR MERITEK-AD10YV101J500AR Datasheet
155Kb / 2P
Axial Leaded, Epoxy Coated, Multilayer Ceramic Capacitors
More results

Description similaire - AD10YV103C101A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
0603N104 ETC1-0603N104 Datasheet
328Kb / 7P
Multilayer Ceramic Chip Capacitors Products NPO, X7R, Y5V
logo
Cornell Dubilier Electr...
M15G109D2-F CDE-M15G109D2-F Datasheet
298Kb / 5P
Multilayer Ceramic Capacitors COG (NPO). X7R & Z5U Capacitors
logo
RFE international
AD10 RFE-AD10 Datasheet
117Kb / 1P
CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
EPCOS
B37641K7475K62 EPCOS-B37641K7475K62 Datasheet
211Kb / 13P
Multilayer Ceramic Capacitors HighCap; X5R and X7R
logo
Taiyo Yuden (U.S.A.), I...
UP025SL470J-A-BZ TAIYO-YUDEN-UP025SL470J-A-BZ Datasheet
138Kb / 1P
Axial Leaded Ceramic Capacitor
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
Axial Leaded Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
MCTT21X105K160CT ETC-MCTT21X105K160CT Datasheet
780Kb / 9P
Low Profile Multilayer SMD Ceramic Capacitor 0402 to 1210 Sizes, X7R, X5R & Y5V Dielectrics (MCTT Series)
05/03/20 V1.0
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
RD25ZU104M251BXXXX RFE-RD25ZU104M251BXXXX Datasheet
809Kb / 5P
Multilayer Ceramic Capacitor RD Series (COG/X7R/X5R/Y5V/Z5U)Radial Leaded
25-01-2023
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com