Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10YV103C101A Fiches technique(PDF) 2 Page - RFE international

No de pièce AD10YV103C101A
Description  MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFE [RFE international]
Site Internet  http://www.rfeinc.com
Logo RFE - RFE international

AD10YV103C101A Fiches technique(HTML) 2 Page - RFE international

  AD10YV103C101A Datasheet HTML 1Page - RFE international AD10YV103C101A Datasheet HTML 2Page - RFE international AD10YV103C101A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MULTILAYER CERAMIC CAPACITOR
AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
RoHS
2022.05.31
C1BD04
DIMENSIONS
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL AND TEST CHARACTERISTICS
Strength of
termination
Solderability
of leads
Measuring Condition
Lead wire to be soldered vertically up
to the coating end point.
At least 75% of lead surface is covered
Specification
Parameter
Solder temperature: 260 ± 5°C
Dipping: 2 ± 0.5 sec.
(containing Ag 2~5%)
(Flux shall be used)
Force : 4 LB min.
Keep time : 10±1 sec.
Termination not to be broken or loosened
Page 2 of 3
Withstanding Voltage
Insulation Resistance
Dissipation Factor
(tanδ)
Shall be measured at 25°C ± 2°C
at the frequency and voltage
X7R/X5R/Y5V
@ 1Hz
1Hz
± 10%, 1±0.2Vrms
Z5U
@
± 10%, 0.5±0.2Vrms
No defects
Apply rated voltage for 1 minute
at 25°C ± 2°C and 70% R.H. max
Applied voltage:
Rated veltage X 2.5
100V~500V Rated voltage (over) X 1.5
Duration: 1 to 5 sec.
The charge/discharge current is less
than 50mA
Parameter
Measuring Condition
More than 10G Ω or 500M
whichever is less
16Vdc product :
More than 10G Ω or 100M
whichever is less
Ω μF
Ω μF
16Vdc product :
Measurement voltage is 25Vdc
X7R= 0.03max
X7R= 0.055max.C ≥ 1.0uF)
Y5V= 0.075max
Z5U= 0.09max
25V
min
16V
X7R/X5R=0.05max.
Y5V= 0.10max
10V
max
X7R/X5R=0.05max.
Y5V= 0.125max
6.3V
X5R= 0.075max
With the specified tolerance
Specification
Capacitance
•
•
Tape Specification
Symbol
Dimension
(mm)
Pitch of component
P
5.08±0.51
Culmulative Tolerance of P
Over 6 Consecutive Units
±0.15
Tape Width
Wt
6.0±1.0
Lead Wire Protrusion
Le
1.0 max
Lead Extension into Tape
Li
1.5 max
Offset Between Tapes
ΔT
0.8 max
Width Between Tapes
Wt
52.4±1.5
Lead Diameter
d
0.483
Centered
C
±0.76
Deflection from Nominal Position
Δh
1.2 max



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com