| Moteur de recherche de fiches techniques de composants électroniques |
|
HEC4528BF Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEC4528BF Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() January 1995 2 Philips Semiconductors Product specification Dual monostable multivibrator HEF4528B MSI DESCRIPTION The HEF4528B is a dual retriggerable-resettable monostable multivibrator. Each multivibrator has an active LOW input (I0), and active HIGH input (I1), an active LOW clear direct input (CD), an output (O) and its complement (O), and two pins for connecting the external timing components (CTC(1), RCTC). An external timing capacitor (Ct ) must be connected between CTC and RCTC and an external resistor (Rt) must be connected between RCTC and VDD. The duration of the (1) Always connected to ground. output pulse is determined by the external timing components Ct and Rt. A HIGH to LOW transition on I0 when I1 is LOW or a LOW to HIGH transition on I1 when I0 is HIGH produces a positive pulse (LOW-HIGH-LOW) and O and a negative pulse (HIGH-LOW-HIGH) on O if the CD is HIGH. A LOW on CD forces O LOW, O HIGH and inhibits any further pulses until CD is HIGH. Fig.1 Functional diagram. PINNING FAMILY DATA, IDD LIMITS category MSI See Family Specifications HEF4528BP(N): 16-lead DIL; plastic (SOT38-1) HEF4528BD(F): 16-lead DIL; ceramic (cerdip) (SOT74) HEF4528BT(D): 16-lead SO; plastic (SOT109-1) ( ): Package Designator North America I0A, I0B input (HIGH to LOW triggered) I1A, I1B input (LOW to HIGH triggered) CDA, CDB clear direct input (active LOW) OA, OB output OA, OB complementary output (active LOW) CTC A, CTC B external capacitor connections (1) RCTC A, external capacitor/ resistor connections RCTC B Fig.2 Pinning diagram. |