| Moteur de recherche de fiches techniques de composants électroniques |
|
HEC4528BF Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HEC4528BF Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 8 page ![]() January 1995 8 Philips Semiconductors Product specification Dual monostable multivibrator HEF4528B MSI APPLICATION INFORMATION An example of an application for the HEF4528B is: • Non-retriggerable monostable multivibrator Fig.5 Waveforms showing minimum I0, I1 and O pulse widths, set-up and recovery times. Set-up and recovery times are shown as positive values but may be specified as negative values. Fig.6 Two examples for a non-retriggerable monostable multivibrator using half of HEF4528B (LOW to HIGH and HIGH to LOW triggered). |