Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIS650S06AS Fiches technique(PDF) 1 Page - Silicon Supplies

No de pièce SIS650S06AS
Description  650V 6A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SS [Silicon Supplies]
Site Internet  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS650S06AS Fiches technique(HTML) 1 Page - Silicon Supplies

  SIS650S06AS Datasheet HTML 1Page - Silicon Supplies SIS650S06AS Datasheet HTML 2Page - Silicon Supplies SIS650S06AS Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
650V 6A SiC Schottky Diode – SiS650S06AS
Silicon Carbide Schottky Barrier Rectifier diode in bare die form
Capable of high temperature operation >= 175°C
High Frequency Operation
High Surge Current Capability
No Reverse Recovery / No Forward Recovery
Positive Temperature Coefficient
Rev 1.0
30/10/23
Features:
Die Dimensions in µm (mils)
900 (35)
1550 (61)
ANODE
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
No suffix - MIL-STD-750 /2073 Visual Inspection
The following part suffixes apply:
FIGURE 6. Non-repetitive Peak Forward Surg
Versus Pulse Duration
Ordering Information
www.siliconsupplies.com\quality\bare-die-lot-qualification
CHIP BACKSIDE IS CATHODE
1550 x 1550
61 x 61
Die Size (Unsawn)
µm
mils
Anode Pad Size
900 x 900
35 x 35
µm
mils
Die Thickness
350 (±20)
13.78 (0.79)
µm
mils
Top Metal Composition
Al 4µm
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
Back Metal Composition
Ag 0.4µm
Page 1 of 3
www.siliconsupplies.com


Numéro de pièce similaire - SIS650S06AS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Supplies
SIS650S03AS SS-SIS650S03AS Datasheet
1Mb / 3P
650V 3A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
More results

Description similaire - SIS650S06AS

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC06C60 CITC-SIC06C60 Datasheet
772Kb / 4P
6A SiC Schottky Diode
SICF06C60 CITC-SICF06C60 Datasheet
3Mb / 4P
6A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE06MPS06A GENESIC-GE06MPS06A Datasheet
509Kb / 7P
650V 6A SiC Schottky MPS??Diode
GE06MPS06E GENESIC-GE06MPS06E Datasheet
508Kb / 7P
650V 6A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06506TS UNITEDSIC-UJ3D06506TS Datasheet
388Kb / 5P
6A - 650V SiC Schottky Diode
Rev. A, September 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com