| Moteur de recherche de fiches techniques de composants électroniques |
|
VC0736 Fiches technique(PDF) 14 Page - NEXTCHIP Co,Ltd |
|
|
|||||||||||||||||||||||||||||
VC0736 Fiches technique(HTML) 14 Page - NEXTCHIP Co,Ltd |
|
14 / 127 page ![]() NVP6124 Data sheet 02.11.2015 (REV 0.2) 12/125 4-CH AHD2.0 RX and 9-CH Audio Codec 2.5. YCS (Y/C Separator) The YCS is used to separate Y and C signal from CVBS/COMET/AHD1.0/AHD2.0 standard video signal. Therefore, The output image is sharper and clearer compared to other device. To achieve this, BSF(Band Split Filter) is used. Figure 2.3. shows partial Characteristic of BSF. According to Input signal format, BSF characteristic can be selected. Figure 2.3. Band Split Filter Characteristic NVP6124 can also separate Y signal from C signal out of input CVBS using the Notch Filter. And according to internal criteria in the NVP6124, the Notch and Comb filters can be mixed for use. In special case, use the Notch filter to separate Y signal from C signal to have a good- quality image. |