| Moteur de recherche de fiches techniques de composants électroniques |
|
MITX-CORE-820 Fiches technique(PDF) 85 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
MITX-CORE-820 Fiches technique(HTML) 85 Page - Emerson Network Power |
|
85 / 104 page ![]() Firmware MITX-CORE-820 Installation and Use (6806800M10D) 85 5.5.2 JTAG Interface The MITX-CORE-820 provides JTAG interface for the NPCE791x silicon. Connect the USB to the JTAG board with the Gala board through the ECDT utility to debug the EC firmware. 5.6 Accessing the ME BX Setup Menu The following procedure will allow you to access the ME BX setup menu. 1. During BIOS POST, press the hotkey F4. 2. Disable the Intel AMT hotkey function in the BIOS setup. Select "Advanced", choose "Intel AMT configuration" then select "Intel AMT hotkey". 3. Enable the Intel AMT setup prompt that is located on the same page. Save and exit. During the BIOS POST, press CTRL+P. |