| Moteur de recherche de fiches techniques de composants électroniques |
|
MITX-CORE-820 Fiches technique(PDF) 60 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
MITX-CORE-820 Fiches technique(HTML) 60 Page - Emerson Network Power |
|
60 / 104 page ![]() Functional Description MITX-CORE-820 Installation and Use (6806800M10D) 60 4.23 Internal Graphics Disable 4.24 User GPIO Header The MITX-CORE-820 supports a GPIO header with support for 4xGPI and 4xGPO & ground(s). 4.25 Debug Support The MITX-CORE-820 shall support the following ports for debug: Extended Debug Port (XDP) tool for processor run control and debug Port 80 display for BIOS POST codes Table 4-27 Internal Graphics Disable Header (P33) Jumper setting (Jumper:P33) Configuration P33 (1-2) NC (DEFAULT) P33 (2-3) I-GRAPHICS DISABLE Table 4-28 User GPIO Header (P28) Pin Signal Pin Signal 1 PCA9557_GPO0 2 PCA9557_GPI0 3 PCA9557_GPO1 4 PCA9557_GPI1 5 PCA9557_GPO2 6 PCA9557_GPI2 7 PCA9557_GPO3 8 PCA9557_GPI3 9+V5A 10 GND |