| Moteur de recherche de fiches techniques de composants électroniques |
|
FAS8200 Fiches technique(PDF) 2 Page - NETAPP |
|
|
|||||||||||||||||||||||||||||
FAS8200 Fiches technique(HTML) 2 Page - NETAPP |
|
2 / 4 page ![]() Scale and adapt to meet changing needs Optimize and accelerate your storage environment as performance and capacity requirements change. Scale up by adding capacity, adding more flash acceleration, and upgrading controllers. Scale out by growing from 2 nodes up to a 24-node cluster with 57PB of capacity, including combinations of different FAS and AFF models. FAS8200 systems also support massive NAS containers, which are easy to manage. With the NetApp FlexGroup feature of ONTAP 9, a single namespace can grow to 20PB and 400 billion files while maintaining consistent high performance and resiliency. With nondisruptive addition and replacement of storage systems and components, scaling occurs without maintenance windows or the challenge of coordinating downtime across teams. Perform your updates during regular work hours. Achieve unparalleled availability and nondisruptive operations FAS8200 enterprise storage is engineered to meet demanding availability requirements. All models are designed to deliver 99.9999% availability or greater through a comprehensive approach that combines highly reliable hardware, innovative software, and sophisticated service analytics. Software and firmware updates, hardware repair and replacement, load balancing, and tech refresh happen without planned downtime. Plus, NetApp Integrated Data Protection technologies protect your data, accelerate recovery, and integrate with leading backup applications for easier management. NetApp MetroCluster™ and SnapMirror Synchronous technologies expand data protection to eliminate risk of data loss by synchronously mirroring data between locations for continuous availability of information. Storage arrays can exist in a single data center or in two different data centers that are located across a campus, across a metropolitan area, or in different cities. No matter what happens, your data can be protected from loss and, with MetroCluster, it’s continuously available to meet the most business-critical needs. Optimize your NetApp systems with the predictive analytics and proactive support of NetApp Active IQ®. Fueled by NetApp’s massive user base, Active IQ artificial intelligence and machine learning create actionable insights that help you prevent problems, optimize your configuration, save time, and make smarter decisions. Get more from existing storage array investments Simplify your IT operations and deliver more value from existing third-party arrays by using them as additional storage capacity behind FAS8200 systems. FlexArray® virtualization software run- ning on FAS8200 extends ONTAP to include storage capacity from EMC, Hitachi, HPE, IBM, and NetApp E-Series arrays. Consolidate management of your existing storage to increase efficiency, add support for SAN and NAS workloads, and provide superior data management functionality. Optimize hybrid cloud deployment Organizations today are focusing on service-oriented IT architectures where cloud IT models are leveraged to enhance return on investment and assets. FAS8200 running ONTAP is optimized for private and hybrid cloud with secure mul- titenancy, quality of service (QoS), nondisruptive operations, and easily defined tiers of service. NetApp offers a number of options for extending your FAS8200 to the hybrid cloud with Amazon Web Services (AWS), Microsoft Azure, Google Cloud Platform (GCP) and other leading cloud providers. You can easily burst capacity to public clouds without typical capex constraints with NetApp Cloud Volumes Service, the first enterprise-class cloud-native file service for AWS and GCP, or Azure NetApp Files for Microsoft Azure. Ideal for data-intensive workloads such as analytics and DevOps, these cloud data services combine elastic, on-demand storage as a service from NetApp with ONTAP data management in a fully managed offering. For those seeking advanced data services for cloud block or object storage services such as AWS EBS or S3, or Azure storage, Cloud Volumes ONTAP provides data management between your on-premises environment and the public cloud with a single, common view. Running in AWS or Azure as an on-demand instance, Cloud Volumes ONTAP provides the Figure 1) Standardize data management across architectures with a rich set of enterprise data services. ONTAP 9 Common Data Management Storage Arrays AFF + FAS Converged FlexPod ® Heterogeneous FlexArray ® Software-Defined Storage (SDS) ONTAP ® Select Near Cloud NetApp Private Storage (NPS) Cloud Cloud Volumes ONTAP ® |