Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAS8200 Fiches technique(PDF) 4 Page - NETAPP

No de pièce FAS8200
Description  NetApp FAS8200 Hybrid Flash System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NETAPP [NETAPP]
Site Internet  https://www.netapp.com/
Logo NETAPP - NETAPP

FAS8200 Fiches technique(HTML) 4 Page - NETAPP

  FAS8200 Datasheet HTML 1Page - NETAPP FAS8200 Datasheet HTML 2Page - NETAPP FAS8200 Datasheet HTML 3Page - NETAPP FAS8200 Datasheet HTML 4Page - NETAPP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2019 NetApp, Inc. All Rights Reserved. NETAPP, the NETAPP logo, and the marks listed at http://www.netapp.com/TM are trademarks of NetApp, Inc. Other company and product
names may be trademarks of their respective owners. DS-3807-0419
Table 2) NetApp FAS8200 series software
The ONTAP 9 Base Bundle includes a set of software products that deliver leading data management, storage
efficiency, data protection, and high performance. The optional Premium Bundle and extended-value software
products provide advanced capabilities, including instant cloning, data replication, application-aware backup and
recovery, NetApp Volume Encryption, and data retention.
Software included in ONTAP 9 Base Bundle
The Base Bundle includes the following NetApp technologies:
• Storage protocols: All supported data protocol licenses (FC, FCoE, iSCSI, NFS, pNFS, CIFS/SMB)
• Efficiency: NetApp FlexVol®, deduplication, compression, compaction, and thin provisioning
• Availability: Multipath I/O
• Data protection: RAID-TEC™, RAID DP®, and Snapshot technologies
• Performance: Storage QoS (maximum and minimum resource limits)
• Scalable NAS container: FlexGroup
• Management: ONTAP System Manager and Active IQ Unified Manager
Software included in ONTAP 9 Premium
Bundle (optional)
To add capabilities to the Base Bundle, the optional Premium Bundle includes the following NetApp technologies:
• FlexClone®: Instant virtual copies of databases or virtual machines
• SnapMirror: Simple, efficient, flexible disaster recovery
• SnapRestore®: Restore entire Snapshot copies in seconds
• SnapCenter®: Unified, scalable platform and plug-in suite for application-consistent data protection
and clone management
• SnapManager® suite: Application- and virtual machine–aware backup, recovery, and cloning
See NetApp.com for information about additional software available from NetApp.
Extended-value software (optional)
Separate optional software, beyond the Base Bundle and Premium Bundle, is also available:
• OnCommand suite of management software: Provides the visibility and control to help maximize system
utilization, meet storage SLAs, minimize risks, and boost performance
• SnapMirror Synchronous: Synchronous replication for zero data loss protection (RPO=0)
• FlexCache: Accelerate read performance with cached datasets within a cluster and at remote sites.
• SnapLock®: Compliance software for write once, read many (WORM) protected data
• NetApp Volume Encryption: Granular, volume-level data-at-rest encryption
• FlexArray: Virtualization of existing third-party storage arrays into an ONTAP environment to
leverage the array storage capacity behind a NetApp FAS



Html Pages

1 2 3 4