Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM339X Fiches technique(PDF) 38 Page - Texas Instruments

No de pièce LM339X
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM339X Fiches technique(HTML) 38 Page - Texas Instruments

Back Button LM339X Datasheet HTML 34Page - Texas Instruments LM339X Datasheet HTML 35Page - Texas Instruments LM339X Datasheet HTML 36Page - Texas Instruments LM339X Datasheet HTML 37Page - Texas Instruments LM339X Datasheet HTML 38Page - Texas Instruments LM339X Datasheet HTML 39Page - Texas Instruments LM339X Datasheet HTML 40Page - Texas Instruments LM339X Datasheet HTML 41Page - Texas Instruments LM339X Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Nov-2023
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
LM139AD
D
SOIC
14
50
505.46
6.76
3810
4
LM139ADG4
D
SOIC
14
50
505.46
6.76
3810
4
LM139D
D
SOIC
14
50
505.46
6.76
3810
4
LM139DG4
D
SOIC
14
50
505.46
6.76
3810
4
LM239AD
D
SOIC
14
50
507
8
3940
4.32
LM239AD
D
SOIC
14
50
506.6
8
3940
4.32
LM239ADE4
D
SOIC
14
50
506.6
8
3940
4.32
LM239ADE4
D
SOIC
14
50
507
8
3940
4.32
LM239D
D
SOIC
14
50
507
8
3940
4.32
LM239D
D
SOIC
14
50
506.6
8
3940
4.32
LM239DE4
D
SOIC
14
50
506.6
8
3940
4.32
LM239DE4
D
SOIC
14
50
507
8
3940
4.32
LM239DG4
D
SOIC
14
50
506.6
8
3940
4.32
LM239DG4
D
SOIC
14
50
507
8
3940
4.32
LM239N
N
PDIP
14
25
506
13.97
11230
4.32
LM239N
N
PDIP
14
25
506.1
9
600
5.4
LM239PW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM2901D
D
SOIC
14
50
506.6
8
3940
4.32
LM2901DE4
D
SOIC
14
50
506.6
8
3940
4.32
LM2901DG4
D
SOIC
14
50
506.6
8
3940
4.32
LM2901N
N
PDIP
14
25
506
13.97
11230
4.32
LM2901NE4
N
PDIP
14
25
506
13.97
11230
4.32
LM2901PW
PW
TSSOP
14
90
530
10.2
3600
3.5
LM2901PWG4
PW
TSSOP
14
90
530
10.2
3600
3.5
LM339AD
D
SOIC
14
50
506.6
8
3940
4.32
LM339AD
D
SOIC
14
50
507
8
3940
4.32
LM339ADE4
D
SOIC
14
50
507
8
3940
4.32
LM339ADE4
D
SOIC
14
50
506.6
8
3940
4.32
LM339ADG4
D
SOIC
14
50
506.6
8
3940
4.32
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51