Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM339X Fiches technique(PDF) 36 Page - Texas Instruments

No de pièce LM339X
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM339X Fiches technique(HTML) 36 Page - Texas Instruments

Back Button LM339X Datasheet HTML 32Page - Texas Instruments LM339X Datasheet HTML 33Page - Texas Instruments LM339X Datasheet HTML 34Page - Texas Instruments LM339X Datasheet HTML 35Page - Texas Instruments LM339X Datasheet HTML 36Page - Texas Instruments LM339X Datasheet HTML 37Page - Texas Instruments LM339X Datasheet HTML 38Page - Texas Instruments LM339X Datasheet HTML 39Page - Texas Instruments LM339X Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Nov-2023
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM139ADR
SOIC
D
14
2500
350.0
350.0
43.0
LM139ADRG4
SOIC
D
14
2500
350.0
350.0
43.0
LM139DR
SOIC
D
14
2500
350.0
350.0
43.0
LM139DRG4
SOIC
D
14
2500
350.0
350.0
43.0
LM239ADR
SOIC
D
14
2500
356.0
356.0
35.0
LM239ADR
SOIC
D
14
2500
340.5
336.1
32.0
LM239DR
SOIC
D
14
2500
364.0
364.0
27.0
LM239DR
SOIC
D
14
2500
340.5
336.1
32.0
LM239DRG3
SOIC
D
14
2500
364.0
364.0
27.0
LM239DRG4
SOIC
D
14
2500
340.5
336.1
32.0
LM239DRG4
SOIC
D
14
2500
356.0
356.0
35.0
LM239PWR
TSSOP
PW
14
2000
356.0
356.0
35.0
LM2901AVQPWR
TSSOP
PW
14
2000
356.0
356.0
35.0
LM2901AVQPWRG4
TSSOP
PW
14
2000
356.0
356.0
35.0
LM2901BIDR
SOIC
D
14
3000
356.0
356.0
35.0
LM2901BIPWR
TSSOP
PW
14
3000
356.0
356.0
35.0
LM2901DR
SOIC
D
14
2500
364.0
364.0
27.0
LM2901DR
SOIC
D
14
2500
340.5
336.1
32.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51