| Moteur de recherche de fiches techniques de composants électroniques |
|
AS358 Fiches technique(PDF) 3 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AS358 Fiches technique(HTML) 3 Page - BCD Semiconductor Manufacturing Limited |
|
3 / 15 page ![]() LOW POWER DUAL OPERATIONAL AMPLIFIERS AS358/358A 3 BCD Semiconductor Manufacturing Limited Sep. 2006 Rev. 1. 6 Data Sheet Ordering Information BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Package Temperature Range Part Number Marking ID Packing Type Tin Lead Lead Free Tin Lead Lead Free SOIC-8 -40 to 85oC AS358M AS358M-E1 AS358M AS358M-E1 Tube AS358MTR AS358MTR-E1 AS358M AS358M-E1 Tape & Reel AS358AM-E1 AS358AM-E1 Tube AS358AMTR-E1 AS358AM-E1 Tape & Reel DIP-8 -40 to 85oC AS358P AS358P-E1 AS358P AS358P-E1 Tube AS358AP-E1 AS358AP-E1 Tube TSSOP-8 -40 to 85oC AS358G-E1 EG3A Tube AS358GTR-E1 EG3A Tape & Reel MSOP-8 -40 to 85 oC AS358MM-E1 AS358MM-E1 Tube AS358MMTR-E1 AS358MM-E1 Tape & Reel Circuit Type Package E1: Lead Free Blank: Tin Lead AS358 TR: Tape and Reel Blank: Tube M: SOIC-8 P: DIP-8 - Blank: AS358 A: AS358A G: TSSOP-8 MM: MSOP-8 |