| Moteur de recherche de fiches techniques de composants électroniques |
|
AS358 Fiches technique(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AS358 Fiches technique(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 15 page ![]() LOW POWER DUAL OPERATIONAL AMPLIFIERS AS358/358A 2 BCD Semiconductor Manufacturing Limited Sep. 2006 Rev. 1. 6 Data Sheet (Each Amplifier) Functional Block Diagram (SOIC-8/DIP-8/TSSOP-8/MSOP-8) OUTPUT 1 INPUT 1+ INPUT 1- GND 8 VCC 7 OUTPUT 2 6 INPUT 2- 5 INPUT 2+ 1 2 3 4 Figure 2. Pin Configuration of AS358/358A (Top View) M/P/G/MM Package Figure 3. Functional Block Diagram of AS358/358A Q2 Q4 Q3 Q1 Q8 Q9 6 µA 4 µA Q10 Q11 50 µA Q5 Q6 Q13 Rsc Cc 100 µA Q7 INPUTS + - OUTPUT Q12 V CC Pin Configuration |