Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F14X Fiches technique(PDF) 69 Page - Texas Instruments

No de pièce MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Fiches technique(HTML) 69 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 65Page - Texas Instruments MSP430F14X Datasheet HTML 66Page - Texas Instruments MSP430F14X Datasheet HTML 67Page - Texas Instruments MSP430F14X Datasheet HTML 68Page - Texas Instruments MSP430F14X Datasheet HTML 69Page - Texas Instruments MSP430F14X Datasheet HTML 70Page - Texas Instruments MSP430F14X Datasheet HTML 71Page - Texas Instruments MSP430F14X Datasheet HTML 72Page - Texas Instruments MSP430F14X Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2023
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
MSP430F133IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F133IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F135IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F135IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F1471IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F1471IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F147IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F147IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F1481IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F1481IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F148IPMR
LQFP
PM
64
1000
330.0
24.4
13.0
13.0
2.1
16.0
24.0
Q2
MSP430F148IRTDR
VQFN
RTD
64
2500
330.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F148IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F1491IRTDR
VQFN
RTD
64
2500
330.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F1491IRTDT
VQFN
RTD
64
250
180.0
16.4
9.3
9.3
1.5
12.0
16.0
Q2
MSP430F149IPAGR
TQFP
PAG
64
1500
330.0
24.4
13.0
13.0
1.5
16.0
24.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83