Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZA109 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BZA109
Description  9-fold ESD transient voltage suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BZA109 Datasheet HTML 3Page - NXP Semiconductors BZA109 Datasheet HTML 4Page - NXP Semiconductors BZA109 Datasheet HTML 5Page - NXP Semiconductors BZA109 Datasheet HTML 6Page - NXP Semiconductors BZA109 Datasheet HTML 7Page - NXP Semiconductors BZA109 Datasheet HTML 8Page - NXP Semiconductors BZA109 Datasheet HTML 9Page - NXP Semiconductors BZA109 Datasheet HTML 10Page - NXP Semiconductors BZA109 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Dec 01
7
Philips Semiconductors
Product specification
9-fold ESD transient voltage suppressor
BZA109
Device placement and printed-circuit board layout
Circuit board layout is of extreme importance in the suppression of transients. The clamping voltage of the BZA109 is
determined by the peak transient current and the rate of rise of that current (di/dt). Since parasitic inductances can further
add to the clamping voltage (V = L di/dt) the series conductor lengths on the printed-circuit board should be kept to a
minimum. This includes the lead length of the suppression element.
In addition to minimizing conductor length the following printed-circuit board layout guidelines are recommended:
1. Place the suppression element close to the input terminals or connectors.
2. Keep parallel signal paths to a minimum.
3. Avoid running protection conductors in parallel with unprotected conductors.
4. Minimize all printed-circuit board loop areas including power and ground loops.
5. Minimize the length of the transient return path to ground.
6. Avoid using shared transient return paths to a common ground point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12