Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSS461C Fiches technique(PDF) 48 Page - ATMEL Corporation

No de pièce TSS461C
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461C Fiches technique(HTML) 48 Page - ATMEL Corporation

Back Button TSS461C Datasheet HTML 44Page - ATMEL Corporation TSS461C Datasheet HTML 45Page - ATMEL Corporation TSS461C Datasheet HTML 46Page - ATMEL Corporation TSS461C Datasheet HTML 47Page - ATMEL Corporation TSS461C Datasheet HTML 48Page - ATMEL Corporation TSS461C Datasheet HTML 49Page - ATMEL Corporation TSS461C Datasheet HTML 50Page - ATMEL Corporation TSS461C Datasheet HTML 51Page - ATMEL Corporation TSS461C Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
48
TSS461C
4193G–AUTO–12/04
Abort
An abort command is dedicated to channels already enabled in transmission or in-frame
response. For example, this command can be used to break the retry procedure on one
channel.
Abort channel is done by setting the Error bit (CHER) in the Message Length & Status
Register (base_address + 0x02). This command is taken into account if the channel
aborted is not transmitted. When this abort command is really done, the TSS461C set to
1 the Transmitted bit (CHTx) of the Message Length & Status Register.
The abort mechanism is integrated into the transmit function. This means, abort, priority
and retries live together in the transmit function.
Figure 28. Abort Example
12 Timeslots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57