| Moteur de recherche de fiches techniques de composants électroniques |
|
TSS461C Fiches technique(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS461C Fiches technique(HTML) 43 Page - ATMEL Corporation |
|
43 / 57 page ![]() 43 TSS461C 4193G–AUTO–12/04 Second, another module on the bus replies with an in-frame reply. In this case the mes- sage type will pass immediately into the after reception state, without passing the after transmission state. Third, the TSS461C has not yet started to transmit the reply request, when another module either requests a reply, and gets it, or transmits a deferred reply. Warning! This should be avoided as it may result in an illegal message type (Illegal reply Request). The immediate Reply Message will attempt to transmit an in-frame reply, using the data in the message buffer. A deferred Reply Message is shown below. This message type will immediately transmit a deferred reply frame. Finally, there is the Reply Request Detector Message type. Its purpose is to receive a reply request frame and notify the processor, without transmitting an in-frame reply. The table above shows all inactive messages types. The last combination will transmit a reply request, but will not receive the reply since its buffer is tagged as occupied. Reply Request Message Without Transmission RNW RTR CHTx CHRx Initial Setup 1 1 Don’t Care 0 After Reception 1 1 Unchanged 1 Immediate Reply Message RNW RTR CHTx CHRx Initial Setup 1 0 0 0 After Transmission 1 0 1 1 Deferred Reply Message RNW RTR CHTx CHRx Initial Setup 1 0 0 1 After Reception (of Reply Request) 10 1 1 Reply Request Detection Message RNW RTR CHTx CHRx Initial Setup 1 0 1 0 After Reception 1 0 1 1 Inactive Message RNW RTR CHTx CHRx Recommended Don’t Care Don’t Care 1 1 After Transmission 0 0 1 Don’t care After Reception 0 1 Don’t Care 1 Illegal Reply Request 1 1 0 1 |