| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03CA-RDTZM Fiches technique(PDF) 194 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03CA-RDTZM Fiches technique(HTML) 194 Page - ATMEL Corporation |
|
194 / 197 page ![]() ii 4182K–CAN–05/06 AT89C51CC03 Examples ............................................................................................................ 39 Registers............................................................................................................. 40 Program/Code Memory ...................................................................... 41 External Code Memory Access .......................................................................... 42 Flash Memory Architecture................................................................................. 43 Overview of FM0 Operations .............................................................................. 47 Operation Cross Memory Access ..................................................... 56 Sharing Instructions ........................................................................... 57 In-System Programming (ISP) ........................................................... 59 Flash Programming and Erasure........................................................................ 59 Boot Process ...................................................................................................... 59 Application Programming Interface..................................................................... 61 XROW Bytes....................................................................................................... 61 Hardware Security Byte ...................................................................................... 62 Serial I/O Port ..................................................................................... 63 Framing Error Detection .................................................................................... 63 Automatic Address Recognition.......................................................................... 64 Given Address ................................................................................................... 65 Broadcast Address ............................................................................................ 65 Registers............................................................................................................. 66 Timers/Counters ................................................................................. 69 Timer/Counter Operations .................................................................................. 69 Timer 0................................................................................................................ 69 Timer 1................................................................................................................ 72 Interrupt .............................................................................................................. 73 Registers............................................................................................................. 73 Timer 2 ................................................................................................. 77 Auto-Reload Mode............................................................................................. 77 Programmable Clock-Output .............................................................................. 78 Registers............................................................................................................. 79 Watchdog Timer ................................................................................. 82 Watchdog Programming ..................................................................................... 83 Watchdog Timer During Power-down Mode and Idle ......................................... 84 CAN Controller .................................................................................... 86 CAN Protocol ...................................................................................................... 86 CAN Controller Description................................................................................. 90 CAN Controller Mailbox and Registers Organization.......................................... 91 |