| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03CA-RDTZM Fiches technique(PDF) 17 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03CA-RDTZM Fiches technique(HTML) 17 Page - ATMEL Corporation |
|
17 / 197 page ![]() 17 AT89C51CC03 4182K–CAN–05/06 Reserved Note: 1. Do not read or write Reserved Registers 2. These registers are bit–addressable. Sixteen addresses in the SFR space are both byte–addressable and bit–addressable. The bit–addressable SFR’s are those whose address ends in 0 and 8. The bit addresses, in this area, are 0x80 through to 0xFF. Table 1. SFR Mapping 0/8(2) 1/9 2/A 3/B 4/C 5/D 6/E 7/F F8h IPL1 xxxx x000 CH 0000 0000 CCAP0H 0000 0000 CCAP1H 0000 0000 CCAP2H 0000 0000 CCAP3H 0000 0000 CCAP4H 0000 0000 FFh F0h B 0000 0000 ADCLK xxx0 0000 ADCON x000 0000 ADDL 0000 0000 ADDH 0000 0000 ADCF 0000 0000 IPH1 xxxx x000 F7h E8h IEN1 xxxx x000 CL 0000 0000 CCAP0L 0000 0000 CCAP1L 0000 0000 CCAP2L 0000 0000 CCAP3L 0000 0000 CCAP4L 0000 0000 EFh E0h ACC 0000 0000 E7h D8h CCON 0000 0000 CMOD 00xx x000 CCAPM0 x000 0000 CCAPM1 x000 0000 CCAPM2 x000 0000 CCAPM3 x000 0000 CCAPM4 x000 0000 DFh D0h PSW 0000 0000 FCON 0000 0000 EECON xxxx xx00 FSTA xxxx xx00 SPCON 0001 0100 SPSCR 0000 0000 SPDAT xxxx xxxx D7h C8h T2CON 0000 0000 T2MOD xxxx xx00 RCAP2L 0000 0000 RCAP2H 0000 0000 TL2 0000 0000 TH2 0000 0000 CANEN1 x000 0000 CANEN2 0000 0000 CFh C0h P4 xxx1 1111 CANGIE xx00 000x CANIE1 x000 0000 CANIE2 0000 0000 CANIDM1 xxxx xxxx CANIDM2 xxxx xxxx CANIDM3 xxxx xxxx CANIDM4 xxxx xxxx C7h B8h IPL0 x000 0000 SADEN 0000 0000 CANSIT1 0000 0000 CANSIT2 0000 0000 CANIDT1 xxxx xxxx CANIDT2 xxxx xxxx CANIDT3 xxxx xxxx CANIDT4 xxxx xxxx BFh B0h P3 1111 1111 CANPAGE 0000 0000 CANSTCH xxxx xxxx CANCONCH xxxx xxxx CANBT1 xxxx xxxx CANBT2 xxxx xxxx CANBT3 xxxx xxxx IPH0 x000 0000 B7h A8h IEN0 0000 0000 SADDR 0000 0000 CANGSTA x0x0 0000 CANGCON 0000 0x00 CANTIML 0000 0000 CANTIMH 0000 0000 CANSTMPL 0000 0000 CANSTMPH 0000 0000 AFh A0h P2 1111 1111 CANTCON 0000 0000 AUXR1 xxxx 00x0 CANMSG xxxx xxxx CANTTCL 0000 0000 CANTTCH 0000 0000 WDTRST 1111 1111 WDTPRG xxxx x000 A7h 98h SCON 0000 0000 SBUF 0000 0000 CANGIT 0x00 0000 CANTEC 0000 0000 CANREC 0000 0000 CKCON1 xxxx xxx0 9Fh 90h P1 1111 1111 97h 88h TCON 0000 0000 TMOD 0000 0000 TL0 0000 0000 TL1 0000 0000 TH0 0000 0000 TH1 0000 0000 AUXR x001 0100 CKCON0 0000 0000 8Fh 80h P0 1111 1111 SP 0000 0111 DPL 0000 0000 DPH 0000 0000 PCON 00x1 0000 87h 0/8(2) 1/9 2/A 3/B 4/C 5/D 6/E 7/F |