Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51CC03CA-RDTZM Fiches technique(PDF) 99 Page - ATMEL Corporation

No de pièce AT89C51CC03CA-RDTZM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03CA-RDTZM Fiches technique(HTML) 99 Page - ATMEL Corporation

Back Button AT89C51CC03CA-RDTZM Datasheet HTML 95Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 96Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 97Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC03CA-RDTZM Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 197 page
background image
99
AT89C51CC03
4182K–CAN–05/06
Fault Confinement
With respect to fault confinement, a unit may be in one of the three following status:
•
error active
•
error passive
•
bus off
An error active unit takes part in bus communication and can send an active error frame
when the CAN macro detects an error.
An error passive unit cannot send an active error frame. It takes part in bus communica-
tion, but when an error is detected, a passive error frame is sent. Also, after a
transmission, an error passive unit will wait before initiating further transmission.
A bus off unit is not allowed to have any influence on the bus.
For fault confinement, two error counters (TEC and REC) are implemented.
See CAN Specification for details on Fault confinement.
Figure 53. Line Error Mode
TEC>255
Error
Active
Error
Passive
Bus
Off
Init.
TEC<127
and
REC<127
TEC>127
or
REC>127
128 occurrences
of
11 consecutive
recessive
bit
TEC: Transmit Error Counter
REC: Receive Error Counter
ERRP = 0
BOFF = 0
ERRP = 0
BOFF = 1
ERRP = 1
BOFF = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More