Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB321C Fiches technique(PDF) 26 Page - ATMEL Corporation

No de pièce AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Fiches technique(HTML) 26 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 22Page - ATMEL Corporation AT45DB321C Datasheet HTML 23Page - ATMEL Corporation AT45DB321C Datasheet HTML 24Page - ATMEL Corporation AT45DB321C Datasheet HTML 25Page - ATMEL Corporation AT45DB321C Datasheet HTML 26Page - ATMEL Corporation AT45DB321C Datasheet HTML 27Page - ATMEL Corporation AT45DB321C Datasheet HTML 28Page - ATMEL Corporation AT45DB321C Datasheet HTML 29Page - ATMEL Corporation AT45DB321C Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
26
3387L–DFLASH–6/06
AT45DB321C
14. Write Operations
The following block diagram and waveforms illustrate the various write sequences available.
14.1
Main Memory Page Program through Buffers
14.2
Buffer Write
14.3
Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page)
FLASH MEMORY ARRAY
PAGE (528 BYTES)
BUFFER 2 (528 BYTES)
BUFFER 1 (528 BYTES)
I/O INTERFACE
SI
BUFFER 1 TO
MAIN MEMORY
PAGE PROGRAM
MAIN MEMORY
PAGE PROGRAM
THROUGH BUFFER 2
BUFFER 2 TO
MAIN MEMORY
PAGE PROGRAM
MAIN MEMORY PAGE
PROGRAM THROUGH
BUFFER 1
BUFFER 1
WRITE
BUFFER 2
WRITE
SI
CMD
n
n+1
Last Byte
· Completes writing into selected buffer
· Starts self-timed erase/program operation
CS
r, PA12-6
PA5-0, BFA9-8
BFA7-0
SI
CMD
X
X···X, BFA9-8
BFA7-0
n
n+1
Last Byte
· Completes writing into selected buffer
CS
SI
CMD
PA5-0, XX
X
CS
Starts self-timed erase/program operation
r , PA12-6
Each transition represents
8 bits and 8 clock cycles
n = 1st byte write
n+1 = 2nd byte write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40