Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB321C Fiches technique(PDF) 19 Page - ATMEL Corporation

No de pièce AT45DB321C
Description  32-megabit 2.7 volt DataFlash
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321C Fiches technique(HTML) 19 Page - ATMEL Corporation

Back Button AT45DB321C Datasheet HTML 15Page - ATMEL Corporation AT45DB321C Datasheet HTML 16Page - ATMEL Corporation AT45DB321C Datasheet HTML 17Page - ATMEL Corporation AT45DB321C Datasheet HTML 18Page - ATMEL Corporation AT45DB321C Datasheet HTML 19Page - ATMEL Corporation AT45DB321C Datasheet HTML 20Page - ATMEL Corporation AT45DB321C Datasheet HTML 21Page - ATMEL Corporation AT45DB321C Datasheet HTML 22Page - ATMEL Corporation AT45DB321C Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
3387L–DFLASH–6/06
AT45DB321C
Notes:
1. This command should be used for applications requiring a high number of random page writes within a sector. See “Auto
Page Rewrite” on page 8.
2. The Security Register Program command utilizes data stored in Buffer 1. Therefore, this command must be used in conjunc-
tion with the Buffer 1 write command. See “Security Register” on page 14 for details.
Table 9-3.
Additional Commands
Command
SCK Mode
Opcode
Main Memory Page to Buffer 1 Transfer
Mode 0, Mode 3
53H
Main Memory Page to Buffer 2 Transfer
Mode 0, Mode 3
55H
Main Memory Page to Buffer 1 Compare
Mode 0, Mode 3
60H
Main Memory Page to Buffer 2 Compare
Mode 0, Mode 3
61H
Auto Page Rewrite Through Buffer 1(1)
Mode 0, Mode 3
58H
Auto Page Rewrite Through Buffer 2(1)
Mode 0, Mode 3
59H
Security Register Program(2)
Mode 0, Mode 3
9AH
Security Register Read
Mode 0, Mode 3
77H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40