| Moteur de recherche de fiches techniques de composants électroniques |
|
AT43USB353M Fiches technique(PDF) 62 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB353M Fiches technique(HTML) 62 Page - ATMEL Corporation |
|
62 / 95 page ![]() 62 AT43USB353M 3307B–USB–4/04 Control Write Status Response State The Function Interface Unit receives an IN token from the Host. The FIU responds with a zero length DATA1 packet, retrying until it receives an ACK back from the Host. The FIU then asserts a TX_COMPLETE interrupt. Hardware Firmware 1. IN token from Host 2. Send DATA1(0) 3. ACK from Host 4. Set TX Complete → INT 5. Read UISR 6. Read CSR0 7. Clear TX COMPLETE, clear Data End, set Force STALL in CAR0 8. Set UIAR[EP0 INTACK] to clear the interrupt source |