Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB021A Fiches technique(PDF) 24 Page - ATMEL Corporation

No de pièce AT45DB021A
Description  2-megabit 2.7-volt Only Serial DataFlash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A Fiches technique(HTML) 24 Page - ATMEL Corporation

Back Button AT45DB021A Datasheet HTML 20Page - ATMEL Corporation AT45DB021A Datasheet HTML 21Page - ATMEL Corporation AT45DB021A Datasheet HTML 22Page - ATMEL Corporation AT45DB021A Datasheet HTML 23Page - ATMEL Corporation AT45DB021A Datasheet HTML 24Page - ATMEL Corporation AT45DB021A Datasheet HTML 25Page - ATMEL Corporation AT45DB021A Datasheet HTML 26Page - ATMEL Corporation AT45DB021A Datasheet HTML 27Page - ATMEL Corporation AT45DB021A Datasheet HTML 28Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AT45DB021A
24
Figure 1. Algorithm for Sequentially Programming or Reprogramming the Entire Array
Notes:
1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array
page-by-page.
2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer
to Main Memory Page Program operation.
3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page
within the entire array.
START
MAIN MEMORY PAGE PROGRAM
THROUGH BUFFER
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER TO MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28