| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB021A Fiches technique(PDF) 18 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021A Fiches technique(HTML) 18 Page - ATMEL Corporation |
|
18 / 28 page ![]() AT45DB021A 18 Detailed Bit-level Read Timing – Inactive Clock Polarity High Continuous Array Read (Opcode: 68H) Burst Array Read (Opcode: 68H) SI 0 1X X X CS SO SCK 12 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV DATA OUT SI 0 1X X X CS SO SCK HIGH-IMPEDANCE D7 D6 D1 D0 D7 D6 D5 DATA OUT BIT 2111 OF PAGE n LSB MSB tSU tV tBRBD BIT 0 OF PAGE n+1 12 63 64 65 66 |