| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83SND2CMP3B Fiches technique(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B Fiches technique(HTML) 45 Page - ATMEL Corporation |
|
45 / 241 page ![]() 45 4341F–MP3–03/06 AT8xC51SND2C/MP3B Table 9-8. IPL0 Register IPL0 (S:B8h) - Interrupt Priority Low Register 0 Reset Value = X000 0000b 76 543 210 - IPLAUD IPLMP3 IPLS IPLT1 IPLX1 IPLT0 IPLX0 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6 IPLAUD Audio Interface Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 5IPLMP3 MP3 Decoder Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 4IPLS Serial Port Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 3IPLT1 Timer 1 Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 2IPLX1 External Interrupt 1 Priority Level LSB Refer to Table 9-2 for priority level description. 1IPLT0 Timer 0 Interrupt Priority Level LSB Refer to Table 9-2 for priority level description. 0IPLX0 External Interrupt 0 Priority Level LSB Refer to Table 9-2 for priority level description. |