| Moteur de recherche de fiches techniques de composants électroniques |
|
AT83SND2CMP3B Fiches technique(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND2CMP3B Fiches technique(HTML) 43 Page - ATMEL Corporation |
|
43 / 241 page ![]() 43 4341F–MP3–03/06 AT8xC51SND2C/MP3B Table 9-6. IPH0 Register IPH0 (S:B7h) – Interrupt Priority High Register 0 Reset Value = X000 0000b 76 543 210 - IPHAUD IPHMP3 IPHS IPHT1 IPHX1 IPHT0 IPHX0 Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6IPHAUD Audio Interface Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 5IPHMP3 MP3 Decoder Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 4IPHS Serial Port Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 3IPHT1 Timer 1 Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 2 IPHX1 External Interrupt 1 Priority Level MSB Refer to Table 9-2 for priority level description. 1IPHT0 Timer 0 Interrupt Priority Level MSB Refer to Table 9-2 for priority level description. 0 IPHX0 External Interrupt 0 Priority Level MSB Refer to Table 9-2 for priority level description. |