Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2940641 Fiches technique(PDF) 4 Page - rfsolutions.ltd

No de pièce 2940641
Description  ESP-07S User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

2940641 Fiches technique(HTML) 4 Page - rfsolutions.ltd

  2940641 Datasheet HTML 1Page - rfsolutions.ltd 2940641 Datasheet HTML 2Page - rfsolutions.ltd 2940641 Datasheet HTML 3Page - rfsolutions.ltd 2940641 Datasheet HTML 4Page - rfsolutions.ltd 2940641 Datasheet HTML 5Page - rfsolutions.ltd 2940641 Datasheet HTML 6Page - rfsolutions.ltd 2940641 Datasheet HTML 7Page - rfsolutions.ltd 2940641 Datasheet HTML 8Page - rfsolutions.ltd 2940641 Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ESP-07S
DS-ESP07S-1
ESP-07S User Manual
1. Preambles
ESP-07S WiFi module is developed by AI-Thinker Co.,Ltd, core processor ESP8266 in smaller sizes of
the module encapsulates Tensilica L106 integrates industry-leading ultra low power 32-bit MCU micro,
with the 16-bit short mode, clock speed support 80 MHz, 160 MHz, supports the RTOS, integrated Wi
-Fi MAC/BB/RF/PA/LNA, on-board antennas.
The module supports standard IEEE802.11 b/g/n agreement, complete TCP/IP protocol stack. Users
can use the add modules to an existing device networking, or building a separate network controller.
ESP8266 is high integration wireless SOCs, designed for space and power constrained mobile platform
designers. It provides unsurpassed ability to embed Wi-Fi capabilities within other systems, or to
function as a standalone application, with the lowest cost, and minimal space requirement.
Figure 1 ESP8266EX Functional Block Diagram
ESP8266EX offers a complete and self-contained Wi-Fi networking solution; it can be used to host the
application or to offload Wi-Fi networking functions from another application processor.
When ESP8266EX hosts the application, it boots up directly from an external flash. In has integrated
cache to improve the performance of the system in such applications.
Alternately, serving as a Wi-Fi adapter, wireless internet access can be added to any micro
Controller based design with simple connectivity (SPI/SDIO or I2C/UART interface).
ESP8266EX is among the most integrated WiFi chip in the industry; it integrates the antenna
switches, RF balun, power amplifier, low noise receive amplifier, filters, power management modules, it
requires minimal external circuitry, and the entire solution, including front-end module, is designed to
occupy minimal PCB area.
ESP8266EX also integrates an enhanced version of Tensilica’s L106 Diamond series 32-bit processor,
with on-chip SRAM, besides the Wi-Fi functionalities. ESP8266EX is often integrated with external
sensors and other application specific devices through its GPIOs; codes for such applications are
provided in examples in the SDK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18