| Moteur de recherche de fiches techniques de composants électroniques |
|
2940641 Fiches technique(PDF) 15 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
2940641 Fiches technique(HTML) 15 Page - rfsolutions.ltd |
|
15 / 18 page ![]() ESP-07S DS-ESP07S-1 AT+RST – Restart module The type of this command is "executed". It’s used to restart the module. AT+GMR – View version info This AT command is used to check the version of AT commands and SDK that you are using, the type of which is "executed". AT+GSLP – Enter deep-sleep mode This command is used to invoke the deep-sleep mode of the module, the type of which is "set". A minor adjustment has to be made before the module enter this deep sleep mode, i.e., connect XPD_DCDC with EXT_RSTB via 0R. |