Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDR31 Fiches technique(PDF) 4 Page - Kyocera Kinseki Corpotation

No de pièce CDR31
Description  MIL-PRF-55681/Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CDR31 Fiches technique(HTML) 4 Page - Kyocera Kinseki Corpotation

  CDR31 Datasheet HTML 1Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 2Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 3Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
113
CDR33/34/35 to MIL-PRF-55681/9/10/11
1/ The complete part number will include additional symbols to indicate
capacitance tolerance, termination and failure rate level.
MIL-PRF-55681/Chips
Military Part Number Identification CDR33/34/35
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
tolerance
Rated temperature
and voltage-
temperature limits
WVDC
Style 1210/CDR33 (BP)
CDR33BP102B---
CDR33BP112B---
CDR33BP122B---
CDR33BP132B---
CDR33BP152B---
1,000
1,100
1,200
1,300
1,500
FJ,K
FJ,K
FJ,K
FJ,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR33BP162B---
CDR33BP182B---
CDR33BP202B---
CDR33BP222B---
CDR33BP242A---
1,600
1,800
2,000
2,200
2,400
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
50
CDR33BP272A---
CDR33BP302A---
CDR33BP332A---
2,700
3,000
3,300
FJ,K
F,J,K
FJ,K
BP
BP
BP
50
50
50
Style 1210/CDR33 (BX)
CDR33BX153B---
CDR33BX183B---
CDR33BX223B---
CDR33BX273B---
CDR33BX393A---
15.000
18.000
22,000
27.000
39.000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
50
CDR33BX473A---
CDR33BX563A---
CDR33BX683A---
CDR33BX823A---
CDR33BX104A---
47.000
56.000
68.000
82,000
100,000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
50
50
50
50
50
Style 1812/CDR34 (BP)
CDR34BP222B---
CDR34BP242B---
CDR34BP272B---
CDR34BP302B---
CDR34BP332B---
2,200
2,400
2,700
3,000
3,300
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR34BP362B---
CDR34BP392B---
CDR34BP432B---
CDR34BP472B---
CDR34BP512A---
3,600
3,900
4,300
4,700
5,100
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
50
CDR34BP562A---
CDR34BP622A---
CDR34BP682A---
CDR34BP752A---
CDR34BP822A---
5,600
6,200
6,800
7,500
8,200
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
50
50
50
50
50
CDR34BP912A---
CDR34BP103A---
9,100
10,000
FJ,K
F,J,K
BP
BP
50
50
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
tolerance
Rated temperature
and voltage-
temperature limits
WVDC
Style 1812/CDR34 (BX)
CDR34BX273B---
CDR34BX333B---
CDR34BX393B---
CDR34BX473B---
CDR34BX563B---
27.000
33.000
39.000
47.000
56.000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
100
CDR34BX104A---
CDR34BX124A---
CDR34BX154A---
CDR34BX184A---
100,000
120,000
150.000
180.000
K,M
K,M
K,M
K,M
BX
BX
BX
BX
50
50
50
50
Style 1825/CDR35 (BP)
CDR35BP472B---
CDR35BP512B---
CDR35BP562B---
CDR35BP622B---
CDR35BP682B---
4,700
5,100
5,600
6,200
6,800
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR35BP752B---
CDR35BP822B---
CDR35BP912B---
CDR35BP103B---
CDR35BP113A---
7,500
8,200
9,100
10,000
11,000
FJ,K
F,J,K
FJ,K
FJ,K
F,J,K
BP
BP
BP
BP
BP
100
100
100
100
50
CDR35BP123A---
CDR35BP133A---
CDR35BP153A---
CDR35BP163A---
CDR35BP183A---
12,000
13.000
15.000
16.000
18,000
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
50
50
50
50
50
CDR35BP203A---
CDR35BP223A---
20,000
22,000
FJ,K
F,J,K
BP
BP
50
50
Style 1825/CDR35 (BX)
CDR35BX563B---
CDR35BX683B---
CDR35BX823B---
CDR35BX104B---
CDR35BX124B---
56.000
68.000
82,000
100,000
120,000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
100
CDR35BX154B---
CDR35BX184A---
CDR35BX224A---
CDR35BX274A---
CDR35BX334A---
150.000
180.000
220,000
270.000
330.000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
50
50
50
50
CDR35BX394A---
CDR35BX474A---
390.000
470.000
K,M
K,M
BX
BX
50
50
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4