Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDR31 Fiches technique(PDF) 3 Page - Kyocera Kinseki Corpotation

No de pièce CDR31
Description  MIL-PRF-55681/Chips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CDR31 Fiches technique(HTML) 3 Page - Kyocera Kinseki Corpotation

  CDR31 Datasheet HTML 1Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 2Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 3Page - Kyocera Kinseki Corpotation CDR31 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
112
CDR32 to MIL-PRF-55681/8
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
Tolerance
Rated temperature
and Voltage-
Temperature Limits
WVDC
Style 1206/CDR32 (BP)
CDR32BP1R0B---
CDR32BP1R1B---
CDR32BP1R2B---
CDR32BP1R3B---
CDR32BP1R5B---
1.0
1.1
1.2
1.3
1.5
B,C
B,C
B,C
B,C
B,C
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP1R6B---
CDR32BP1R8B---
CDR32BP2R0B---
CDR32BP2R2B---
CDR32BP2R4B---
1.6
1.8
2.0
2.2
2.4
B,C
B,C
B,C
B,C
B,C
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP2R7B---
CDR32BP3R0B---
CDR32BP3R3B---
CDR32BP3R6B---
CDR32BP3R9B---
2.7
3.0
3.3
3.6
3.9
B,C,D
B,C,D
B,C,D
B,C,D
B,C,D
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP4R3B---
CDR32BP4R7B---
CDR32BP5R1B---
CDR32BP5R6B---
CDR32BP6R2B---
4.3
4.7
5.1
5.6
6.2
B,C,D
B,C,D
B,C,D
B,C,D
B,C,D
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP6R8B---
CDR32BP7R5B---
CDR32BP8R2B---
CDR32BP9R1B---
CDR32BP100B---
6.8
7.5
8.2
9.1
10
B,C,D
B,C,D
B,C,D
B,C,D
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP110B---
CDR32BP120B---
CDR32BP130B---
CDR32BP150B---
CDR32BP160B---
11
12
13
15
16
F,J,K
FJ,K
FJ,K
FJ,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP180B---
CDR32BP200B---
CDR32BP220B---
CDR32BP240B---
CDR32BP270B---
18
20
22
24
27
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP300B---
CDR32BP330B---
CDR32BP360B---
CDR32BP390B---
CDR32BP430B---
30
33
36
39
43
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP470B---
CDR32BP510B---
CDR32BP560B---
CDR32BP620B---
CDR32BP680B---
47
51
56
62
68
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP750B---
CDR32BP820B---
CDR32BP910B---
75
82
91
FJ,K
F,J,K
FJ,K
BP
BP
BP
100
100
100
Military Type
Designation 1 /
Capacitance
in pF
Capacitance
Tolerance
Rated Temperature
and Voltage-
Temperature Limits
WVDC
Style 1206/CDR32 (BP) cont’d
CDR32BP101B---
CDR32BP111B---
CDR32BP121B---
CDR32BP131B---
CDR32BP151B---
100
110
120
130
150
FJ,K
FJ,K
FJ,K
FJ,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP161B---
CDR32BP181B---
CDR32BP201B---
CDR32BP221B---
CDR32BP241B---
160
180
200
220
240
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP271B---
CDR32BP301B---
CDR32BP331B---
CDR32BP361B---
CDR32BP391B---
270
300
330
360
390
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP431B---
CDR32BP471B---
CDR32BP511B---
CDR32BP561B---
CDR32BP621B---
430
470
510
560
620
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP681B---
CDR32BP751B---
CDR32BP821B---
CDR32BP911B---
CDR32BP102B---
680
750
820
910
1,000
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
100
100
100
100
100
CDR32BP112A---
CDR32BP122A---
CDR32BP132A---
CDR32BP152A---
CDR32BP162A---
1,100
1,200
1,300
1,500
1,600
FJ,K
F,J,K
FJ,K
F,J,K
FJ,K
BP
BP
BP
BP
BP
50
50
50
50
50
CDR32BP182A---
CDR32BP202A---
CDR32BP222A---
1,800
2,000
2,200
FJ,K
F,J,K
FJ,K
BP
BP
BP
50
50
50
Style 1206/CDR32 (BX)
CDR32BX472B---
CDR32BX562B---
CDR32BX682B---
CDR32BX822B---
CDR32BX103B---
4,700
5,600
6,800
8,200
10,000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
100
100
100
CDR32BX123B---
CDR32BX153B---
CDR32BX183A---
CDR32BX223A---
CDR32BX273A---
12,000
15.000
18.000
22,000
27,000
K,M
K,M
K,M
K,M
K,M
BX
BX
BX
BX
BX
100
100
50
50
50
CDR32BX333A---
CDR32BX393A---
33.000
39.000
K,M
K,M
BX
BX
50
50
1/ The complete part number will include additional symbols to indicate
capacitance tolerance, termination and failure rate level.
MIL-PRF-55681/Chips
Military Part Number Identification CDR32
040121
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
Add appropriate failure rate
Add appropriate termination finish
Capacitance Tolerance
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4