Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 26Page - STMicroelectronics STMPE811 Datasheet HTML 27Page - STMicroelectronics STMPE811 Datasheet HTML 28Page - STMicroelectronics STMPE811 Datasheet HTML 29Page - STMicroelectronics STMPE811 Datasheet HTML 30Page - STMicroelectronics STMPE811 Datasheet HTML 31Page - STMicroelectronics STMPE811 Datasheet HTML 32Page - STMicroelectronics STMPE811 Datasheet HTML 33Page - STMicroelectronics STMPE811 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Analog-to-digital converter
STMPE811
30/66
Doc ID 14489 Rev 5
9
Analog-to-digital converter
An 8-input,12-bit analog-to-digital converter (ADC) is integrated in the STMPE811. The ADC
can be used as a generic analog-to-digital converter, or as a touchscreen controller capable
of controlling a 4-wire resistive touchscreen.
Table 13.
ADC controller register summary table
Address
Register name
Size
Description
0x20
ADC_CTRL1
8
ADC control
0x21
ADC_CTRL2
8
ADC control
0x22
ADC_CAPT
8
ADC channel data capture
0x30
ADC_DATA_CH0
8
ADC channel 0 (X+/GPIO-4)
0x32
ADC_DATA_CH1
8
ADC channel 1 (X-/GPIO-6)
0x34
ADC_DATA_CH2
8
ADC channel 2 (Y+/GPIO-5)
0x36
ADC_DATA_CH3
8
ADC channel 3 (Y-/GPIO-7)
0x38
ADC_DATA_CH4
8
ADC channel 4 (IN0/GPIO0)
0x3A
ADC_DATA_CH5
8
ADC channel 5 (IN1/GPIO-1)
0x3C
ADC_DATA_CH6
8
ADC channel 6 (IN2/GPIO-2)
0x3E
ADC_DATA_CH7
8
ADC channel 7 (IN3/GPIO-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66