| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 66 page ![]() Temperature sensor STMPE811 50/66 Doc ID 14489 Rev 5 TEMP_DATA Temperature data Address: 0x61 is MSB, 0x62 is LSB Type: R Reset: 0x00 Description: Temperature data access port TEMP_TH Temperature threshold Address: 0x63 is MSB, 0x64 is LSB Type: R/W Reset: 0x00 Description: Threshold for temperature controlled interrupt 11 10 987 6543 2 1 0 TEMPERATURE [11:0] TEMPERATURE: Temperature reading Absolute temperature = ( VIO * temperature [11:0] ) / 7.51 (12-bit ADC) = ( VIO * temperature [9:0] ) / 7.51 (10-bit ADC) Note that VIO is used as a reference in temperature acquisition. Variations in VIO directly affect the accuracy of temperature acquired. 11 10 987 6543 2 1 0 TEMP_TH [11:0] TEMP_TH: temperature threshold |