Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 35Page - STMicroelectronics STMPE811_V01 Datasheet HTML 36Page - STMicroelectronics STMPE811_V01 Datasheet HTML 37Page - STMicroelectronics STMPE811_V01 Datasheet HTML 38Page - STMicroelectronics STMPE811_V01 Datasheet HTML 39Page - STMicroelectronics STMPE811_V01 Datasheet HTML 40Page - STMicroelectronics STMPE811_V01 Datasheet HTML 41Page - STMicroelectronics STMPE811_V01 Datasheet HTML 42Page - STMicroelectronics STMPE811_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
STMPE811
Touchscreen controller
Doc ID 14489 Rev 5
39/66
WDW_TR_X
Window setup for top right X
Address:
0x42
Type:
R/W
Reset:
0x0FFF
Description:
Window setup for top right X coordinates
.
WDW_TR_Y
Window setup for top right Y
Address:
0x44
Type:
R/W
Reset:
0x0FFF
Description:
Window setup for top right Y coordinates
.
7
6543
2
1
0
TR_X [11:0]
[11:0] TR_X: Bit 11:0 of top right X coordinates
7
6543
2
1
0
TR_Y [11:0]
[11:0] TR_X: Bit 11:0 of top right Y coordinates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66