Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 17Page - STMicroelectronics STMPE811_V01 Datasheet HTML 18Page - STMicroelectronics STMPE811_V01 Datasheet HTML 19Page - STMicroelectronics STMPE811_V01 Datasheet HTML 20Page - STMicroelectronics STMPE811_V01 Datasheet HTML 21Page - STMicroelectronics STMPE811_V01 Datasheet HTML 22Page - STMicroelectronics STMPE811_V01 Datasheet HTML 23Page - STMicroelectronics STMPE811_V01 Datasheet HTML 24Page - STMicroelectronics STMPE811_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
STMPE811
STMPE811 registers
Doc ID 14489 Rev 5
21/66
0x61
TEMP_DATA
8
R
0x00
Temperature data access
port
0x62
TEMP_TH
8
R/W
0x00
Threshold for temperature
controlled interrupt
Table 11.
Register summary map table (continued)
Address
Register name
Bit
Type
Reset value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66